this document was generated on 06/08/2010 please check www.molex.com for latest part information part number: 0905711642 status: active description: 2.54mm (.100") pitch qf-50? header, vertical, dual row, shrouded, din keying, with latch/eject levers, 64 circuits, 0.76 m gold (au) documents: drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family ribbon cable / wire trap connectors series 90571 comments eject levers component type pcb header glow-wire compliant no product name qf-50? physical circuits (loaded) 64 circuits (maximum) 64 color - resin black durability (mating cycles max) 300 entry angle vertical flammability 94v-0 lock to mating part none material - metal brass material - plating mating gold material - plating termination tin material - resin polyester number of rows 2 pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm plating min: mating (in) 30.4 plating min: mating (m) 0.76 plating min: termination (in) 120 plating min: termination (m) 3 polarized to mating part yes polarized to pcb no shrouded closed ends stackable yes surface mount compatible (smc) no temperature range - operating -25c to +85c termination interface: style through hole wire insulation diameter n/a wire size awg n/a wire/cable type ribbon cable series image - reference only eu rohs china rohs compliance status not reviewed reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 90571 series mates with 90635 qf-50? female housing
electrical current - maximum per contact 1a voltage - maximum 250v material info reference - drawing numbers sales drawing sda-90571 this document was generated on 06/08/2010 please check www.molex.com for latest part information
|